PART |
Description |
Maker |
ISL23511 ISL23511UFB8Z ISL23511UFRU10Z ISL23511WFB |
Single Push Button Controlled Potentiometer Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer 50K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PQCC10 Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R
|
Intersil Corporation Intersil, Corp.
|
X9511 |
Single 32 tap pushpot XDCP push button interface single supply
|
Xicor
|
ISL22511WFRU10Z-TK ISL22511UFRU10Z-TK ISL22511WFB8 |
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
|
Intersil Corporation
|
ISL23512WFRU10Z-TK ISL23512 |
Single Push Button Controlled Potentiometer
|
Intersil Corporation
|
ISL23511WFRU10Z ISL23511WFB8Z ISL23511UFB8Z ISL235 |
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
|
Intersil Corporation
|
X9511WP X9511WS X9511WSZ X9511 X9511WPI X9511WPIZ |
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
|
INTERSIL[Intersil Corporation]
|
P09XN-FC20CR100K P09X P09XN-FC20AR100K P09XN-FC20B |
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
|
http:// BITECH[Bi technologies]
|
PDB185-GTR13-504A2 |
17 mm Guitar Potentiometer w/Latching-Push Switch
|
Bourns Electronic Solut...
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
2900 29-08-0524-MG |
Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
|
3M Electronics
|
FMS006Z-2000-0 FMS006Z-2001-1 |
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
|
Yamaichi Electronics Co., Ltd.
|
PTJ90 |
PTJ90 Series Dual Concentric Shaft Panel Control w/Push-Push Switch
|
Bourns Electronic Solutions
|